công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41ST87YSS6F bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện M41ST87YSS6F
Giải thích chi tiết về linh kiện  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YSS6F bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  M41ST87YSS6F Datasheet HTML 1Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 2Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 3Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 4Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 5Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 6Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 7Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 8Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
Contents
M41ST87W
2/54
DocID9497 Rev 11
Contents
1
Description....................................................................................... 6
2
Operating modes ........................................................................... 12
2.1
2-wire bus characteristics................................................................ 13
2.1.1
Bus not busy..................................................................................... 13
2.1.2
Start data transfer............................................................................. 13
2.1.3
Stop data transfer ............................................................................. 13
2.1.4
Data valid.......................................................................................... 13
2.1.5
Acknowledge .................................................................................... 13
2.2
READ mode .................................................................................... 15
2.3
WRITE mode................................................................................... 17
2.4
Data retention mode........................................................................ 17
2.5
Tamper detection circuit .................................................................. 18
2.6
Tamper register bits (tamper 1 and tamper 2)................................. 18
2.6.1
Tamper enable bits (TEB1 and TEB2) ............................................. 18
2.6.2
Tamper bits (TB1 and TB2) .............................................................. 18
2.6.3
Tamper interrupt enable bits (TIE1 and TIE2).................................. 19
2.6.4
Tamper connect mode bit (TCM1 and TCM2) ................................. 19
2.6.5
Tamper polarity mode bits (TPM1 and TPM2) ................................. 19
2.6.6
Tamper detect sampling (TDS1 and TDS2) ..................................... 21
2.6.7
Tamper current high/tamper current low (TCHI/
������������������������������������������������1and
TCHI/
������������������������������������������������2)....................................................................................................21
2.6.8
RAM clear (CLR1 and CLR2) ........................................................... 21
2.6.9
RAM clear external (CLR1EXT and CLR2EXT) - available in SOX28
package only .................................................................................................... 21
2.7
Tamper detection operation ............................................................ 25
2.8
Sampling ......................................................................................... 25
2.9
Internal tamper pull-up/down current............................................... 26
2.10
Avoiding inadvertent tampers (normally closed configuration) ........ 26
2.11
Tamper event time-stamp ............................................................... 27
3
Clock operation ............................................................................. 28
3.1
Power-down time-stamp ................................................................. 28
3.2
TIMEKEEPER
® registers................................................................. 29
3.3
Calibrating the clock........................................................................ 31
3.4
Setting alarm clock registers ........................................................... 32
3.5
Watchdog timer ............................................................................... 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54