| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L99MC6-LF bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99MC6-LF bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 55 page ![]() L99MC6 Introduction Doc ID 16523 Rev 2 9/32 1.2 Block diagram and pin description Figure 2. Block diagram 0 DI CSN SCK DO VCC VCC IN/PWM OL VOLD 1 OL =1 OL OL OL OL SPI GND DRN1 SRC1 DRN2 SRC2 DRN3 SRC3 DRN4 DRN5 DRN6 VOLD 2 VOLD 3 VOLD 4 VOLD 5 VOLD 6 VOLS 1 VOLS2 VOLS 3 Open Load Drain [Out1] Open Load Source [Out1] Short Circuit [Out1] ON/OFF [Out1] Open Load Drain [Out2] Open Load Source [Out2] Short Circuit [Out2] ON/OFF [Out2] Open Load Drain [Out3] Open Load Source [Out3] Short Circuit [Out3] ON/OFF [Out3] Open Load Drain [Out4] Short Circuit [Out4] ON/OFF [Out4] Open Load Drain [Out5] Short Circuit [Out5] ON/OFF [Out5] Open Load Drain [Out6] Short Circuit [Out6] ON/OFF [Out6] CONTROL LOGIC Charge Pump VCP VCC VCC VCC VDrive1-3 VDrive1-3 VDrive1-3 VDrive1-3 |