| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L99MH98 bảng dữ liệu(PDF) 139 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99MH98 bảng dữ liệu(HTML) 139 Page - STMicroelectronics |
|
139 / 147 page ![]() 3.4 Charge pump ................................................................. 27 4 Gates driver ......................................................................29 4.1 Outputs driving signals ......................................................... 29 4.2 Indirect current measurement for external MOSFET ................................ 30 4.2.1 Rds(on) calibration at application level ....................................... 30 4.2.2 Vds measurement ....................................................... 31 4.2.3 Temperature measurement for calibration and monitoring......................... 32 4.2.4 H-bridge current calculation ............................................... 33 4.3 Power ON/OFF ............................................................... 33 4.3.1 Three stages gate current ................................................. 33 5 Protections and diagnostics ......................................................35 5.1 Reverse polarity protection ..................................................... 35 5.2 Programmable cross current protection time (DT) .................................. 35 5.3 Short circuit detection/drain source monitoring (DSHS/DSLS) ........................ 35 5.4 Diagnostic in off-mode ......................................................... 36 5.4.1 Off-state diagnostic introduction ............................................ 36 5.4.2 Example with a DC motor controlled by two half-bridges.......................... 37 5.4.3 Normal load conditions ................................................... 37 5.4.4 Short circuit to VDH ...................................................... 39 5.4.5 Short circuit to GND ..................................................... 40 5.4.6 Open load - SH1 disconnected ............................................. 40 5.4.7 Open load - SH2 is disconnected ........................................... 41 5.5 Summary of the off-state diagnostic .............................................. 41 5.6 Off-state diagnostic with more cascaded motors.................................... 42 5.7 Diagnostic not output (DIAGN) .................................................. 43 5.8 Configurable window watchdog.................................................. 44 6 Serial peripheral interface (SPI) ...................................................46 6.1 Physical layer................................................................. 46 6.2 Clock and data characteristics................................................... 47 6.3 Communication protocol........................................................ 47 6.3.1 SDI frame ............................................................. 47 6.3.2 SDO frame ............................................................ 48 6.3.3 Protocol failure detection.................................................. 49 6.4 SPI communication scenarios ................................................... 50 6.4.1 Write access scenario .................................................... 50 6.4.2 Read access scenario.................................................... 51 6.4.3 Clear on read scenario ................................................... 52 L99MH98 Contents DS14611 - Rev 3 page 139/147 |