| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L99MH98 bảng dữ liệu(PDF) 130 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99MH98 bảng dữ liệu(HTML) 130 Page - STMicroelectronics |
|
130 / 147 page ![]() 8 Application examples The L99MH98 is a device that integrates the control of 8 external half-bridges in a completely independent and configurable way. This allows the device to be used in multiple application scenarios. To show the potential of L99MH98 some of the possible application scenarios are shown here. A classic configuration where 4 motors are controlled simultaneously is shown in the Figure 40: 4 different H- bridges are controlled simultaneously from L99MH98. Figure 40. Driving 4 DC motors simultaneously M VDD EN 2x 2x 2x 2x GH1 /2 SH1 /2 GL1 /2 GH3/4 SH3/4 GL3/4 GH5 /6 SH5 /6 GL5 /6 GH7/8 SH7/8 GL7/8 CPC1N CPC2P CPC2N CSN SCLK SDO SDI SL PWM1 PWM2 PWM3 CSO1 CSO2 DIODE3 DIODE4 DIODE1 DIODE2 CP CP CP GND M M M VDH µC (input) µC (output) µC (output) µC (output) µC (input) VProtected VBAT 10k VProtected µC (input) VS SH1 SH2 SH3 SH4 SH5 SH6 SH7 SH8 SL VProtected VProtected VProtected GND DIODE1 GND DIODE2 GND DIODE3 GND DIODE4 PGND VDH VDH VDH VProtected DIAGN SPI interface to watchdog Charge pump Driver interface, logic and diagnostics PWMx controller sample and hold Muxer and Current generator and ADC L99MH98 Application examples DS14611 - Rev 3 page 130/147 |