công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S-8244AACFN-CECT2G bảng dữ liệu(PDF) 13 Page - Seiko Instruments Inc

tên linh kiện S-8244AACFN-CECT2G
Giải thích chi tiết về linh kiện  BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SII [Seiko Instruments Inc]
Trang chủ  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8244AACFN-CECT2G bảng dữ liệu(HTML) 13 Page - Seiko Instruments Inc

Back Button S-8244AACFN-CECT2G Datasheet HTML 9Page - Seiko Instruments Inc S-8244AACFN-CECT2G Datasheet HTML 10Page - Seiko Instruments Inc S-8244AACFN-CECT2G Datasheet HTML 11Page - Seiko Instruments Inc S-8244AACFN-CECT2G Datasheet HTML 12Page - Seiko Instruments Inc S-8244AACFN-CECT2G Datasheet HTML 13Page - Seiko Instruments Inc S-8244AACFN-CECT2G Datasheet HTML 14Page - Seiko Instruments Inc S-8244AACFN-CECT2G Datasheet HTML 15Page - Seiko Instruments Inc S-8244AACFN-CECT2G Datasheet HTML 16Page - Seiko Instruments Inc S-8244AACFN-CECT2G Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.3.3_00
S-8244 Series
Seiko Instruments Inc.
13
Battery Protection IC Connection Example
(1) Connection Example 1
SC PROTECTOR
EB-
CVCC
CICT
C1
C2
C3
C4
EB+
R1
R2
R3
R4
BAT1
BAT2
BAT3
BAT4
RVCC
FET
SENSE
VC1
VC2
VC3
VSS
VCC
ICT
CO
Figure 7
Table 7 Constants for External Components 1
Symbol
Min.
Typ.
Max.
Unit
R1 to R4
0
1 k
10 k
Ω
C1 to C4
0
0.1
1
µF
RVCC
0
100
1 k
Ω
CVCC
0
0.1
1
µF
CICT
0
0.1
1
µF
Caution1. The above constants may be changed without notice.
2.
It has not been confirmed whether the operation is normal or not in circuits
other than the above example of connection.
In addition, the example of
connection shown above and the constant do not guarantee proper operation.
Perform through evaluation using the actual application to set the constant.
3.
In the case of Nch open drain output, pull up CO pin by external resistor.
[For SC PROTECTOR, contact]
Sony Chemicals Corporation
Electronic Devices Business Group
1-11-2 Osaki, Shinagawa-ku, Tokyo, 141-0032 Japan
TEL: +81-3-5435-3943
FAX: +81-3-5435-3072



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27