công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

35-01-R3C-ARTC bảng dữ liệu(PDF) 6 Page - Everlight Electronics Co., Ltd

tên linh kiện 35-01-R3C-ARTC
Giải thích chi tiết về linh kiện  5mm POWER LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EVERLIGHT [Everlight Electronics Co., Ltd]
Trang chủ  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

35-01-R3C-ARTC bảng dữ liệu(HTML) 6 Page - Everlight Electronics Co., Ltd

  35-01-R3C-ARTC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 35-01-R3C-ARTC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 35-01-R3C-ARTC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 35-01-R3C-ARTC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 35-01-R3C-ARTC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 35-01-R3C-ARTC Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Technical Data Sheet
5mm POWER LED
35-01/R3C-ARTC
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev.1
Page: 6 of 6
Device number: DLE-305-010
Established date: 03-27-2007
Established by: Jim Lin
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions for
using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any
damage resulting from use of the product which does not comply with the absolute maximum
ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’s
consent.
4. Soldering Condition
Careful attention should be paid during soldering. When soldering, leave more then 3mm
from solder joint to case, and soldering beyond the base of the tie bar is recommended.
Avoiding applying any stress to the lead frame while the LEDs are at high temperature
particularly when soldering.
Recommended soldering conditions:
Hand Soldering
DIP Soldering
Temp. at tip of iron
400
Max.
℃
(30W Max.)
Preheat temp.
100
Max.
℃
(60 sec Max.)
Soldering time
3 sec Max.
Bath temp.
265 Max.
Distance
3mm Min.(From solder
joint to case)
Bath time.
5 sec Max.
Distance
3mm Min.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C.
http:\\www.everlight.com



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com