| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF0201XR-MLA bảng dữ liệu(PDF) 2 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
PCF0201XR-MLA bảng dữ liệu(HTML) 2 Page - TT Electronics. |
|
2 / 6 page ![]() Precision Thin Film Nichrome Chip Resistors PCF Series Type TCR (ppm/ºC) Power (W) Limiting Element Voltage (V) Ohmic Value Range * 1% 0.5% 0.25% 0.1% 0.05% PCF0402…A 50 0.063 25 49R9 – 100K 49R9 – 10K 25 PCF0603…A 50 0.063 50 10R – 332K 10R – 49K9 25 PCF0805…A 50 0.1 100 10R – 1M0 10R – 100K 25 PCF1206…A 50 0.125 150 10R – 200K 25 PCF1210…A 50 0.25 150 10R – 499K 25 PCF2010…A 50 0.25 150 25 PCF2512…A 50 0.5 150 25 Electrical Data - AEQ-Q200 Grade - Standard Range * Standard values E24 or E96. 12.16 General Note TT Electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT Electronics’ own data and is considered accurate at time of going to print. © TT Electronics plc http://www.ttelectronics.com/resistors BI Technologies IRC Welwyn Electrical Data – High Power Range Type TCR (ppm/°C) Power (W) Limiting Element Voltage (V) Ohmic Value Range* 0.5% 0.25% 0.1% 0.05% 0.01% PCF0603H 50 0.1 75 4R7-1M 4R7-332K 24R9-100K 25 15 4R7-332K 10 5 24R9-15K 3 - 24R9-15K 2 PCF0805H 50 0.125 150 1R-1M 4R7-1M 4R7-511K 24R9-200K 25 15 4R7-332K 10 4R7-511K 5 24R9-30K 3 - 24R9-30K 2 PCF1206H 50 0.25 200 4R7-1M 24R9-500K 25 15 10 5 24R9-50K 3 - 24R9-49K9 2 PCF1210H 50 0.33 200 4R7-1M 24R9-500K 25 15 10 5 24R9-50K 3 - 24R9-49K9 2 PCF2010H 50 0.33 200 4R7-1M 24R9-500K 25 15 10 5 24R9-50K 3 - 24R9-49K9 2 PCF2512H 50 0.75 200 1R-2K 4R7-2K 24R9-2K 25 15 10 * Standard values E24 or E96. Other values may be available by request. |