| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCM5121 bảng dữ liệu(PDF) 80 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM5121 bảng dữ liệu(HTML) 80 Page - Texas Instruments |
|
80 / 121 page ![]() 80 PCM5121, PCM5122 SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018 www.ti.com Product Folder Links: PCM5121 PCM5122 Submit Documentation Feedback Copyright © 2012–2018, Texas Instruments Incorporated RSV Reserved Reserved. Do not access. DOSR[6:0] OSR Clock Divider These bits set the source clock divider value for the OSR clock. These bits are ignored in clock auto set mode. Default value: 0000000 0000000: Divide by 1 0000001: Divide by 2 ... 1111111: Divide by 128 Table 77. Page 0 / Register 32 Dec Hex b7 b6 b5 b4 b3 b2 b1 b0 32 20 RSV DBCK6 DBCK5 DBCK4 DBCK3 DBCK2 DBCK1 DBCK0 Reset Value 0 0 0 0 0 0 0 RSV Reserved Reserved. Do not access. DBCK[6:0] Master Mode BCK Divider These bits set the SCK divider value to generate I2S master BCK clock. Default value: 0000000 0000000: Divide by 1 0000001: Divide by 2 ... 1111111: Divide by 128 Table 78. Page 0 / Register 33 Dec Hex b7 b6 b5 b4 b3 b2 b1 b0 33 21 DLRK7 DLRK6 DLRK5 DLRK4 DLRK3 DLRK2 DLRK1 DLRK0 Reset Value 0 0 0 0 0 0 0 0 DLRK[7:0] Master Mode LRCK Divider These bits set the I2S master BCK clock divider value to generate I2S master LRCK clock. Default value: 00000000 00000000: Divide by 1 00000001: Divide by 2 ... 11111111: Divide by 256 Table 79. Page 0 / Register 34 Dec Hex b7 b6 b5 b4 b3 b2 b1 b0 34 22 RSV RSV RSV I16E RSV RSV FSSP1 FSSP0 Reset Value 0 0 0 RSV Reserved Reserved. Do not access. I16E 16x Interpolation This bit enables or disables the 16x interpolation mode Default value: 0 0: 8x interpolation |