| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OPA656 bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OPA656 bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 33 page ![]() OPA725, OPA2725 OPA726, OPA2726 SBOS278B − SEPTEMBER 2003 − REVISED JANUARY 2004 www.ti.com 3 PIN CONFIGURATIONS (1) NC denotes no internal connection. (2) DGND = reference voltage for Enable Reference pin. Voltage on this pin will be the voltage to which the Enable Reference pin is referenced. 1 2 3 5 4 V+ −IN Out V − +IN OPA725 SOT23−5 1 2 3 4 8 7 6 5 NC(1) V+ OUT NC(1) NC(1) −IN +IN V − OPA725 SO−8 1 2 3 4 8 7 6 5 V+ OUT B −IN B +IN B OUT A −IN A +IN A V − OPA2725 SO−8, MSOP−8 A B 1 2 3 4 8 7 6 5 Enable V+ OUT NC(1) DGND(2) −IN +IN V − OPA726 SO−8, MSOP−8 1 2 3 4 5 10 9 8 7 6 V+ OUT B −IN B +IN B Enable OUT A −IN A +IN A V − DGND(2) OPA2726 MSOP−10 A B |