| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AF6268ITCY bảng dữ liệu(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6268ITCY bảng dữ liệu(HTML) 70 Page - STMicroelectronics |
|
70 / 99 page ![]() Electrical characteristics STM8AF6246/48/66/68 70/99 DocID14952 Rev 11 Figure 37. SPI timing diagram where slave mode and CPHA = 0 1. Measurement points are at CMOS levels: 0.3 VDD and 0.7 VDD. Figure 38. SPI timing diagram where slave mode and CPHA = 1 1. Measurement points are at CMOS levels: 0.3 VDD and 0.7 VDD. 3. Values based on design simulation and/or characterization results, and not tested in production. 4. Min time is for the minimum time to drive the output and the max time is for the maximum time to validate the data. 5. Min time is for the minimum time to invalidate the output and the max time is for the maximum time to put the data in Hi-Z. |