| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AF6268ITAY bảng dữ liệu(PDF) 93 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF6268ITAY bảng dữ liệu(HTML) 93 Page - STMicroelectronics |
|
93 / 99 page ![]() DocID14952 Rev 11 93/99 STM8AF6246/48/66/68 STM8 development tools 93 13.3 Programming tools During the development cycle, STice provides in-circuit programming of the STM8A Flash microcontroller on the user application board via the SWIM protocol. Additional tools are used to include a low-cost in-circuit programmer as well as ST socket boards, which provide dedicated programming platforms with sockets for programming the user STM8A. For production environments, programmers will include a complete range of gang and automated programming solutions from third-party tool developers already supplying programmers for the STM8 family. |