công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPA340NA/3K bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện OPA340NA/3K
Giải thích chi tiết về linh kiện  OPAx340 Single-Supply, Rail-to-Rail Operational Amplifiers MicroAmplifier™ Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

OPA340NA/3K bảng dữ liệu(HTML) 1 Page - Texas Instruments

  OPA340NA/3K Datasheet HTML 1Page - Texas Instruments OPA340NA/3K Datasheet HTML 2Page - Texas Instruments OPA340NA/3K Datasheet HTML 3Page - Texas Instruments OPA340NA/3K Datasheet HTML 4Page - Texas Instruments OPA340NA/3K Datasheet HTML 5Page - Texas Instruments OPA340NA/3K Datasheet HTML 6Page - Texas Instruments OPA340NA/3K Datasheet HTML 7Page - Texas Instruments OPA340NA/3K Datasheet HTML 8Page - Texas Instruments OPA340NA/3K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
ADS7816
12-Bit A/D
DCLOCK
D
OUT
OPA340
+5V
V
IN
V+
2
+In
3
-In
V
REF
8
4
GND
Serial
Interface
1
0.1 F
m
0.1 F
m
7
6
5
NOTE: A/D Input = 0 to V
REF
V
= 0V to 5V for
IN
0V to 5V output.
RC network filters high-frequency noise.
500W
3300pF
CS/SHDN
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA340, OPA2340, OPA4340
SBOS073C – SEPTEMBER 1997 – REVISED AUGUST 2016
OPAx340 Single-Supply, Rail-to-Rail Operational Amplifiers
MicroAmplifier™ Series
1
1 Features
1
•
Rail-to-Rail Input
•
Rail-to-Rail Output (Within 1 mV)
•
MicroSize Packages
•
Wide Bandwidth: 5.5 MHz
•
High Slew Rate: 6 V/µs
•
Low THD + Noise: 0.0007% (f = 1 kHz)
•
Low Quiescent Current: 750 µA/Channel
•
Single, Dual, and Quad Versions
2 Applications
•
Driving A/D Converters
•
PCMCIA Cards
•
Data Acquisition
•
Process Control
•
Audio Processing
•
Communications
•
Active Filters
•
Test Equipment
3 Description
The OPA340 series rail-to-rail CMOS operational
amplifiers are optimized for low-voltage, single-supply
operation. Rail-to-rail input and output and high-
speed operation make them ideal for driving sampling
analog-to-digital (A/D) converters. They are also well-
suited for general purpose and audio applications as
well as providing I/V conversion at the output of
digital-to-analog (D/A) converters. Single, dual, and
quad versions have identical specifications for design
flexibility.
The OPA340 series operate on a single supply as low
as 2.5 V with an input common-mode voltage range
that extends 500 mV below ground and 500 mV
above the positive supply. Output voltage swing is to
within 1 mV of the supply rails with a 100-k
Ω load.
These devices offer excellent dynamic response
(BW = 5.5 MHz, SR = 6 V/µs), yet quiescent current
is only 750 A. Dual and quad designs feature
completely independent circuitry for lowest crosstalk
and freedom from interaction.
The single (OPA340) packages are the tiny 5-pin
SOT-23 surface mount, 8-pin SOIC surface mount,
and 8-pin DIP. The dual (OPA2340) comes in the
miniature 8-pin VSSOP surface mount, 8-pin SOIC
surface mount, and 8-pin PDIP packages. The quad
(OPA4340) packages are the space-saving 16-pin
SSOP surface mount and 14-pin SOIC surface
mount. All are specified from –40°C to 85°C and
operate from –55°C to 125°C. A SPICE macromodel
is available for design analysis.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA340
SOT-23 (5)
3.00 mm × 3.00 mm
OPA340, OPA2340
PDIP (8)
9.81 mm × 6.35 mm
SOIC (8)
4.90 mm × 3.91 mm
OPA2340
VSSOP (8)
3.00 mm × 3.00 mm
OPA4340
SOIC (14)
8.65 mm × 3.91 mm
SSOP (16)
4.90 mm × 3.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
OPA340 in Noninverting Configuration Driving ADS7816


Số phần tương tự - OPA340NA/3K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
OPA340NA/3K BURR-BROWN-OPA340NA/3K Datasheet
709Kb / 20P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA340NA/3KG4 BURR-BROWN-OPA340NA/3KG4 Datasheet
709Kb / 20P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
More results

Mô tả tương tự - OPA340NA/3K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340 Datasheet
348Kb / 10P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
logo
Texas Instruments
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA350 TI1-OPA350 Datasheet
1Mb / 40P
Rail-to-Rail Operational Amplifiers MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com