| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OPA607 bảng dữ liệu(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OPA607 bảng dữ liệu(HTML) 34 Page - Texas Instruments |
|
34 / 51 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 11-Oct-2025 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant OPA2607IDGKR VSSOP DGK 8 2500 330.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 OPA2607IDGKRG4 VSSOP DGK 8 2500 330.0 12.4 5.3 3.4 1.4 8.0 12.0 Q1 OPA2607IDR SOIC D 8 2500 330.0 12.4 6.4 5.2 2.1 8.0 12.0 Q1 OPA2607SIRUGR X2QFN RUG 10 3000 178.0 8.4 1.75 2.25 0.56 4.0 8.0 Q1 OPA607IDBVR SOT-23 DBV 5 3000 178.0 8.4 3.2 3.2 1.4 4.0 8.0 Q3 OPA607IDBVT SOT-23 DBV 5 250 180.0 8.4 3.2 3.2 1.4 4.0 8.0 Q3 OPA607IDCKR SC70 DCK 6 3000 180.0 8.4 2.3 2.5 1.2 4.0 8.0 Q3 OPA607IDCKT SC70 DCK 6 250 180.0 8.4 2.3 2.5 1.2 4.0 8.0 Q3 OPA607IDCKT SC70 DCK 6 250 180.0 8.4 2.47 2.3 1.25 4.0 8.0 Q3 Pack Materials-Page 1 |