| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OPA313 bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OPA313 bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 46 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 14-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) OPA2313ID Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OP2313 OPA2313ID.A Active Production SOIC (D) | 8 75 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OP2313 OPA2313IDGK Active Production VSSOP (DGK) | 8 80 | TUBE Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 OUSS OPA2313IDGK.A Active Production VSSOP (DGK) | 8 80 | TUBE Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 OUSS OPA2313IDGKR Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU | SN | NIPDAUAG Level-2-260C-1 YEAR -40 to 125 OUSS OPA2313IDGKR.A Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OUSS OPA2313IDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OP2313 OPA2313IDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OP2313 OPA2313IDRGR Active Production SON (DRG) | 8 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 SDY OPA2313IDRGR.A Active Production SON (DRG) | 8 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 SDY OPA2313IDRGR.B Active Production SON (DRG) | 8 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 SDY OPA2313IDRGT Active Production SON (DRG) | 8 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 SDY OPA2313IDRGT.A Active Production SON (DRG) | 8 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 SDY OPA2313IDRGTG4 Active Production SON (DRG) | 8 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 SDY OPA2313IDRGTG4.A Active Production SON (DRG) | 8 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 SDY OPA313IDBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 SIE OPA313IDBVR.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 SIE OPA313IDBVRG4 Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 SIE OPA313IDBVRG4.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 SIE OPA313IDBVT Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 SIE OPA313IDBVT.A Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 SIE OPA313IDCKR Active Production SC70 (DCK) | 5 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 SIF OPA313IDCKR.A Active Production SC70 (DCK) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 SIF OPA313IDCKRG4 Active Production SC70 (DCK) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SIF OPA313IDCKRG4.A Active Production SC70 (DCK) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SIF OPA313IDCKT Active Production SC70 (DCK) | 5 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 SIF OPA313IDCKT.A Active Production SC70 (DCK) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 SIF OPA4313IPW Active Production TSSOP (PW) | 14 90 | TUBE Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OPA4313 Addendum-Page 1 |