| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OPA191ID bảng dữ liệu(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OPA191ID bảng dữ liệu(HTML) 32 Page - Texas Instruments |
|
32 / 65 page ![]() 9.2.1.2 Detailed Design Procedure The transfer function of the circuit in Figure 9-1 is given in Equation 2 OUT LOAD SHUNT V I R Gain u u (2) The load current (ILOAD) produces a voltage drop across the shunt resistor (RSHUNT). The load current is set from 0 A to 1 A. To keep the shunt voltage below 100 mV at maximum load current, the largest shunt resistor is defined using Equation 3. _ _ SHUNT MAX SHUNT LOAD MAX V 100mV R 100m I 1A : (3) Using Equation 3, RSHUNT is calculated to be 100 mΩ. The voltage drop produced by ILOAD and RSHUNT is amplified by the OPA191 to produce an output voltage of 0 V to 4.9 V. The gain needed by the OPA191 to produce the necessary output voltage is calculated using Equation 4: _ _ _ _ OUT MAX OUT MIN IN MAX IN MIN V V Gain V V (4) Using Equation 4, the required gain is calculated to be 49 V/V, which is set with resistors RF and RG. Equation 5 is used to size the resistors, RF and RG, to set the gain of the OPA191 to 49 V/V. F G R Gain 1 R (5) Choosing RF as 360 kΩ, RG is calculated to be 7.5 kΩ. RF and RG were chosen as 360 kΩ and 7.5 kΩ because they are standard value resistors that create a 49:1 ratio. Other resistors that create a 49:1 ratio can also be used. Figure 2 shows the measured transfer function of the circuit shown in Figure 9-1. 9.2.1.3 Application Curves ILOAD (A) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 0 1 2 3 4 5 Figure 9-2. Low-Side, Current-Sense, Transfer Function ILOAD (A) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 0 0.02 0.04 0.06 0.08 0.1 Figure 9-3. Low-Side, Current-Sense, Full-Scale Error OPA191, OPA2191, OPA4191 SBOS701D – DECEMBER 2015 – REVISED AUGUST 2021 www.ti.com 32 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: OPA191 OPA2191 OPA4191 |