| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MUX508IPW.B bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MUX508IPW.B bảng dữ liệu(HTML) 5 Page - Texas Instruments |
|
5 / 42 page ![]() 1 A0 16 A1 2 EN 15 GND 3 VSS 14 VDD 4 S1A 13 S1B 5 S2A 12 S2B 6 S3A 11 S3B 7 S4A 10 S4B 8 DA 9 DB 5 MUX508, MUX509 www.ti.com SBAS758C – JANUARY 2016 – REVISED SEPTEMBER 2016 Product Folder Links: MUX508 MUX509 Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated MUX509: PW and D Packages 16-Pin TSSOP and SOIC Top View Pin Functions: MUX509 PIN TYPE DESCRIPTION NAME NO. A0 1 Digital input Address line 0 A1 16 Digital input Address line 1 DA 8 Analog input or output Drain pin A. Can be an input or output. DB 9 Analog input or output Drain pin B. Can be an input or output. EN 2 Digital input Active high digital input. When this pin is low, all switches are turned off. When this pin is high, the A[1:0] logic inputs determine which pair of switches is turned on. GND 15 Power supply Ground (0 V) reference S1A 4 Analog input or output Source pin 1A. Can be an input or output. S2A 5 Analog input or output Source pin 2A. Can be an input or output. S3A 6 Analog input or output Source pin 3A. Can be an input or output. S4A 7 Analog input or output Source pin 4A. Can be an input or output. S1B 13 Analog input or output Source pin 1B. Can be an input or output. S2B 12 Analog input or output Source pin 2B. Can be an input or output. S3B 11 Analog input or output Source pin 3B. Can be an input or output. S4B 10 Analog input or output Source pin 4B. Can be an input or output. VDD 14 Power supply Positive power supply. This pin is the most positive power supply potential. For reliable operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND. VSS 3 Power supply Negative power supply. This pin is the most negative power supply potential. In single- supply applications, this pin can be connected to ground. For reliable operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VSS and GND. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |