| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M41T81SMY6F bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T81SMY6F bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 32 page ![]() M41T81S Operation Doc ID 10773 Rev 7 13/32 WRITE mode In this mode the master transmitter transmits to the M41T81S slave receiver. Bus protocol is shown in Figure 10 on page 13. Following the START condition and slave address, a logic '0' (R/W=0) is placed on the bus and indicates to the addressed device that word address “An” will follow and is to be written to the on-chip address pointer. The data word to be written to the memory is strobed in next and the internal address pointer is incremented to the next address location on the reception of an acknowledge clock. The M41T81S slave receiver will send an acknowledge clock to the master transmitter after it has received the slave address see Figure 7 on page 12 and again after it has received the word address and each data byte. Data retention mode With valid VCC applied, the M41T81S can be accessed as described above with READ or WRITE cycles. Should the supply voltage decay, the power input will be switched from the VCC pin to the battery when VCC falls below the battery backup switchover voltage (VSO). At this time the clock registers will be maintained by the attached battery supply. On power-up, when VCC returns to a nominal value, write protection continues for tREC. For a further, more detailed review of lifetime calculations, please see application note AN1012. Figure 10. WRITE mode sequence AI00591 BUS ACTIVITY: S P SDA LINE BUS ACTIVITY: MASTER DATA n DATA n+1 DATA n+X WORD ADDRESS (An) SLAVE ADDRESS |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |