công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41T81S bảng dữ liệu(PDF) 29 Page - STMicroelectronics

tên linh kiện M41T81S
Giải thích chi tiết về linh kiện  Serial access real-time clock (RTC) with alarms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81S bảng dữ liệu(HTML) 29 Page - STMicroelectronics

Back Button M41T81S Datasheet HTML 24Page - STMicroelectronics M41T81S Datasheet HTML 25Page - STMicroelectronics M41T81S Datasheet HTML 26Page - STMicroelectronics M41T81S Datasheet HTML 27Page - STMicroelectronics M41T81S Datasheet HTML 28Page - STMicroelectronics M41T81S Datasheet HTML 29Page - STMicroelectronics M41T81S Datasheet HTML 30Page - STMicroelectronics M41T81S Datasheet HTML 31Page - STMicroelectronics M41T81S Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
M41T81S
Package mechanical data
Doc ID 10773 Rev 7
29/32
Figure 19.
SOX18 – 18-lead plastic small outline, 300 mils, embedded crystal, outline
Note:
Drawing is not to scale.
SOX18
Table 15.
SOX18 – 18-lead plastic small outline, 300 mils, embedded crystal,
package mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
2.57
2.44
2.69
0.101
0.096
0.106
A1
0.23
0.15
0.31
0.009
0.006
0.012
A2
2.34
2.29
2.39
0.092
0.090
0.094
B
0.46
0.41
0.51
0.018
0.016
0.020
c
0.25
0.20
0.31
0.010
0.008
0.012
D
11.61
11.56
11.66
0.457
0.455
0.459
E
7.62
7.57
7.67
0.300
0.298
0.302
E1
10.34
10.16
10.52
0.407
0.400
0.414
e1.27
0.050
L
0.66
0.51
0.81
0.026
0.020
0.032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32