công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41T56M6F bảng dữ liệu(PDF) 8 Page - STMicroelectronics

tên linh kiện M41T56M6F
Giải thích chi tiết về linh kiện  Serial real-time clock (RTC) with 56 bytes NVRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T56M6F bảng dữ liệu(HTML) 8 Page - STMicroelectronics

Back Button M41T56M6F Datasheet HTML 4Page - STMicroelectronics M41T56M6F Datasheet HTML 5Page - STMicroelectronics M41T56M6F Datasheet HTML 6Page - STMicroelectronics M41T56M6F Datasheet HTML 7Page - STMicroelectronics M41T56M6F Datasheet HTML 8Page - STMicroelectronics M41T56M6F Datasheet HTML 9Page - STMicroelectronics M41T56M6F Datasheet HTML 10Page - STMicroelectronics M41T56M6F Datasheet HTML 11Page - STMicroelectronics M41T56M6F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Operation
M41T56
8/27
Doc ID 6104 Rev 9
2.1.3
Stop data transfer
A change in the state of the data line, from low to high, while the clock is high, defines the
STOP condition.
2.1.4
Data valid
The state of the data line represents valid data when after a start condition, the data line is
stable for the duration of the high period of the clock signal. The data on the line may be
changed during the low period of the clock signal. There is one clock pulse per bit of data.
Each data transfer is initiated with a start condition and terminated with a stop condition.
The number of data bytes transferred between the start and stop conditions is not limited.
The information is transmitted byte-wide and each receiver acknowledges with a ninth bit.
By definition, a device that gives out a message is called “transmitter,” the receiving device
that gets the message is called “receiver.” The device that controls the message is called
“master.” The devices that are controlled by the master are called “slaves.”
2.1.5
Acknowledge
Each byte of eight bits is followed by one acknowledge bit. This acknowledge bit is a low
level put on the bus by the receiver, whereas the master generates an extra acknowledge
related clock pulse.
A slave receiver which is addressed is obliged to generate an acknowledge after the
reception of each byte. Also, a master receiver must generate an acknowledge after the
reception of each byte that has been clocked out of the slave transmitter.
The device that acknowledges has to pull down the SDA line during the acknowledge clock
pulse in such a way that the SDA line is a stable low during the high period of the
acknowledge related clock pulse. Of course, setup and hold times must be taken into
account. A master receiver must signal an end-of-data to the slave transmitter by not
generating an acknowledge on the last byte that has been clocked out of the slave. In this
case, the transmitter must leave the data line high to enable the master to generate the
STOP condition.
Figure 4.
Serial bus data transfer sequence
AI00587
DATA
CLOCK
DATA LINE
STABLE
DATA VALID
START
CONDITION
CHANGE OF
DATA ALLOWED
STOP
CONDITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27