| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MF-RHT750 bảng dữ liệu(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-RHT750 bảng dữ liệu(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 9 page ![]() MF-RHT Series - High Temperature PTC Resettable Fuses Product Dimensions Model A B C D E F Physical Characteristics Max. Max. Nom. Tol. ± Min. Max. Nom. Style Material MF-RHT050 7.40 (0.291) 12.7 (0.500) 5.1 (0.201) 0.7 (0.028) 7.6 (0.30) 3.0 (0.12) 0.51 (0.020) 3 Sn/CuFe MF-RHT070 6.86 (0.27) 10.8 (0.425) 5.1 (0.201) 0.7 (0.028) 7.6 (0.30) 3.0 (0.12) 0.51 (0.020) 1 Sn/CuFe MF-RHT100 9.70 (0.382) 13.6 (0.535) 5.1 (0.201) 0.7 (0.028) 7.6 (0.30) 3.0 (0.12) 0.51 (0.020) 3 Sn/CuFe MF-RHT200 9.4 (0.37) 14.0 (0.55) 5.1 (0.201) 0.7 (0.028) 7.6 (0.30) 3.0 (0.12) 0.51 (0.020) 3 Sn/CuFe MF-RHT200/32 9.4 (0.37) 14.0 (0.55) 5.1 (0.201) 0.7 (0.028) 7.6 (0.30) 3.0 (0.12) 0.51 (0.020) 3 Sn/CuFe MF-RHT300 8.80 (0.35) 13.8 (0.55) 5.1 (0.201) 0.7 (0.028) 7.6 (0.30) 3.0 (0.12) 0.81 (0.032) 2 Sn/Cu MF-RHT400 10.0 (0.394) 15.0 (0.591) 5.1 (0.201) 0.7 (0.028) 7.6 (0.30) 3.0 (0.12) 0.81 (0.032) 2 Sn/Cu MF-RHT450 10.4 (0.41) 15.6 (0.61) 5.1 (0.201) 0.7 (0.028) 7.6 (0.30) 3.0 (0.12) 0.81 (0.032) 2 Sn/Cu MF-RHT500 11.2 (0.441) 18.9 (0.744) 5.1 (0.201) 0.7 (0.028) 7.6 (0.30) 3.0 (0.12) 0.81 (0.032) 2 Sn/Cu MF-RHT550 11.2 (0.441) 18.9 (0.744) 5.1 (0.201) 0.7 (0.028) 7.6 (0.30) 3.0 (0.12) 0.81 (0.032) 2 Sn/Cu MF-RHT600 11.2 (0.441) 21.0 (0.827) 5.1 (0.201) 0.7 (0.028) 7.6 (0.30) 3.0 (0.12) 0.81 (0.032) 2 Sn/Cu MF-RHT650 12.7 (0.50) 22.2 (0.88) 5.1 (0.201) 0.7 (0.028) 7.6 (0.30) 3.0 (0.12) 0.81 (0.032) 2 Sn/Cu MF-RHT700 14.0 (0.55) 21.9 (0.862) 5.1 (0.201) 0.7 (0.028) 7.6 (0.30) 3.0 (0.12) 0.81 (0.032) 2 Sn/Cu MF-RHT750 14.0 (0.55) 21.9 (0.862) 5.1 (0.201) 0.7 (0.028) 7.6 (0.30) 3.0 (0.12) 0.81 (0.032) 2 Sn/Cu MF-RHT800 16.5 (0.65) 22.5 (0.88) 5.1 (0.201) 0.7 (0.028) 7.6 (0.30) 3.0 (0.12) 0.81 (0.032) 2 Sn/Cu MF-RHT900 16.5 (0.65) 25.7 (1.012) 5.1 (0.201) 0.7 (0.028) 7.6 (0.30) 3.0 (0.12) 0.81 (0.032) 2 Sn/Cu MF-RHT1000 17.5 (0.689) 26.7 (1.051) 10.2 (0.402) 0.7 (0.028) 7.6 (0.30) 3.0 (0.12) 0.81 (0.032) 2 Sn/Cu MF-RHT1100 21.0 (0.827) 26.1 (1.028) 10.2 (0.402) 0.7 (0.028) 7.6 (0.30) 3.0 (0.12) 0.81 (0.032) 2 Sn/Cu MF-RHT1300 23.5 (0.925) 28.7 (1.130) 10.2 (0.402) 0.7 (0.028) 7.6 (0.30) 3.6 (0.14) 1.0 (0.040) 2 Sn/Cu Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. A E B D C E B D A CF F F A E B D C DIMENSIONS: MM (INCHES) A E B D C E B D A CF F F A E B D C A E B D C E B D A CF F F A E B D C NOTE: Straight lead option (-17) is also available, e.g. MF- RHT070-2-17. (Refer to “How to Order” section.) NOTE: Kinked lead option (-14) is also available, e.g. MF- RHT700-2-14. (Refer to “How to Order” section.) NOTE: Straight lead option (-17) is also available, e.g. MF- RHT200-2-17. (Refer to “How to Order” section.) |