công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F2012IPWR.B bảng dữ liệu(PDF) 78 Page - Texas Instruments

tên linh kiện MSP430F2012IPWR.B
Giải thích chi tiết về linh kiện  MIXED SIGNAL MICROCONTROLLER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F2012IPWR.B bảng dữ liệu(HTML) 78 Page - Texas Instruments

Back Button MSP430F2012IPWR.B Datasheet HTML 74Page - Texas Instruments MSP430F2012IPWR.B Datasheet HTML 75Page - Texas Instruments MSP430F2012IPWR.B Datasheet HTML 76Page - Texas Instruments MSP430F2012IPWR.B Datasheet HTML 77Page - Texas Instruments MSP430F2012IPWR.B Datasheet HTML 78Page - Texas Instruments MSP430F2012IPWR.B Datasheet HTML 79Page - Texas Instruments MSP430F2012IPWR.B Datasheet HTML 80Page - Texas Instruments MSP430F2012IPWR.B Datasheet HTML 81Page - Texas Instruments MSP430F2012IPWR.B Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 102 page
background image
MSP430F20x3
MSP430F20x2
MSP430F20x1
SLAS491I – AUGUST 2005 – REVISED DECEMBER 2012
www.ti.com
REVISION HISTORY
LITERATURE
SUMMARY
NUMBER
SLAS491
Preliminary PRODUCT PREVIEW data sheet release
Production data sheet release for MSP430F20x3I.
SLAS491A
Updated specification and added characterization graphs.
Production data sheet release for MSP430F20x3T, MSP430F20x1I and MSP430F20x1T.
105°C characterization results added.
SD16_A SINAD characterization results for MSP430F20x3.
RSA package added.
SLAS491B
Updated SD16_A Power Supply Rejection specification.
DCO Calibration Register names: lower case "z" changed to upper case "Z".
Vhys(B_IT-) MAX specification increased from 180 mV to 210 mV.
MIN and MAX percentages for "calibrated DCO frequencies - tolerance over supply voltage VCC" corrected from 2.5% to
3.0% to match the specified frequency ranges.
SLAS491C
Production data sheet release for MSP430F20x2I and MSP430F20x2T.
Changed fACLK to 0 Hz in ILPM4 test conditions in Low-Power Mode Supply Currents (Into VCC) Excluding External
SLAS491D
Current.
SLAS491E
Changed Tstg maximum for programmed devices to 150°C in Absolute Maximum Ratings.
SLAS491F
Added ADC10 data transfer registers to Peripheral File Map
Changed Test Conditions for "Duty cycle, LF mode" in Crystal Oscillator, XT1, Low-Frequency Mode.
SLAS491G
Changed note (1) on 10-Bit ADC, Built-In Voltage Reference.
Changed USIP.x Control Bits in Table 25 and Table 29.
SLAS491H
Changed Tstg, Programmed device, to -55°C to 150°C in Absolute Maximum Ratings.
Added typical value test conditions to Recommended Operating Conditions.
SLAS491I
Added note (2) to POR and Brownout Reset (BOR).
78
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com