| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430F2012IPW.B bảng dữ liệu(PDF) 83 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430F2012IPW.B bảng dữ liệu(HTML) 83 Page - Texas Instruments |
|
83 / 102 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) MSP430F2011TN.B Active Production PDIP (N) | 14 25 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 105 MSP430F2011T MSP430F2011TPW Active Production TSSOP (PW) | 14 90 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 105 F2011T MSP430F2011TPW.B Active Production TSSOP (PW) | 14 90 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 105 F2011T MSP430F2011TPWR Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 105 F2011T MSP430F2011TPWR.B Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 105 F2011T MSP430F2011TRSAR Active Production QFN (RSA) | 16 3000 | LARGE T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 105 M430F 2011T MSP430F2011TRSAR.B Active Production QFN (RSA) | 16 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 105 M430F 2011T MSP430F2011TRSAT Active Production QFN (RSA) | 16 250 | SMALL T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 105 M430F 2011T MSP430F2011TRSAT.B Active Production QFN (RSA) | 16 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 105 M430F 2011T MSP430F2012IN Active Production PDIP (N) | 14 25 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 MSP430F2012 MSP430F2012IN.A Active Production PDIP (N) | 14 25 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 MSP430F2012 MSP430F2012IN.B Active Production PDIP (N) | 14 25 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 MSP430F2012 MSP430F2012IPW Active Production TSSOP (PW) | 14 90 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 F2012 MSP430F2012IPW.A Active Production TSSOP (PW) | 14 90 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 F2012 MSP430F2012IPW.B Active Production TSSOP (PW) | 14 90 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 F2012 MSP430F2012IPWR Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 F2012 MSP430F2012IPWR.A Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 F2012 MSP430F2012IPWR.B Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 F2012 MSP430F2012IPWRG4 Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 105 F2012 MSP430F2012IPWRG4.A Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 105 F2012 MSP430F2012IPWRG4.B Active Production TSSOP (PW) | 14 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 105 F2012 MSP430F2012IRSAR Active Production QFN (RSA) | 16 3000 | LARGE T&R Yes NIPDAU | SN Level-2-260C-1 YEAR -40 to 85 M430F 2012 MSP430F2012IRSAR.A Active Production QFN (RSA) | 16 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 M430F 2012 MSP430F2012IRSAR.B Active Production QFN (RSA) | 16 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 85 M430F 2012 MSP430F2012IRSARG4 Active Production QFN (RSA) | 16 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 105 M430F 2012 Addendum-Page 5 |