| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F031C4U6TR bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F031C4U6TR bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 106 page ![]() Functional overview STM32F031x4 STM32F031x6 14/106 DocID025743 Rev 6 Figure 2. Clock tree 3.7 General-purpose inputs/outputs (GPIOs) Each of the GPIO pins can be configured by software as output (push-pull or open-drain), as input (with or without pull-up or pull-down) or as peripheral alternate function. Most of the GPIO pins are shared with digital or analog alternate functions. The I/O configuration can be locked if needed following a specific sequence in order to avoid spurious writing to the I/Os registers. |