| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SLAS616 bảng dữ liệu(PDF) 39 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SLAS616 bảng dữ liệu(HTML) 39 Page - Texas Instruments |
|
39 / 52 page ![]() MSP430FE42x2 MIXED SIGNAL MICROCONTROLLER SLAS616 − JULY 2008 39 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION Port P2, unbonded GPIOs P2.6 and P2.7 EN D 0 1 0 1 Interrupt Edge Select EN Set Q P2IE.x P2IFG.x P2IRQ.x Interrupt Flag P2IES.x P2SEL.x Module X IN P2IN.x P2OUT.x Module X OUT Direction Control From Module P2DIR.x P2SEL.x Bus Keeper 0 1 0: Input 1: Output Node Is Reset With PUC PUC NOTE: x = Bit/identifier, 6 to 7 for port P2 without external pins P2Sel.x P2DIR.x DIRECTION CONTROL FROM MODULE P2OUT.x MODULE X OUT P2IN.x MODULE X IN P2IE.x P2IFG.x P2IES.x P2Sel.6 P2DIR.6 P2DIR.6 P2OUT.6 DVSS P2IN.6 unused P2IE.6 P2IFG.6 P2IES.6 P2Sel.7 P2DIR.7 P2DIR.7 P2OUT.7 DVSS P2IN.7 unused P2IE.7 P2IFG.7 P2IES.7 NOTE: Unbonded GPIOs 6 and 7 of port P2 can be used as interrupt flags. Only software can affect the interrupt flags. They work as software interrupts. |