| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430F149IPM bảng dữ liệu(PDF) 70 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430F149IPM bảng dữ liệu(HTML) 70 Page - Texas Instruments |
|
70 / 88 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) MSP430F1491IPMR Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F1491 MSP430F1491IPMR.A Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F1491 MSP430F1491IPMR.B Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F1491 MSP430F1491IRTDR Active Production VQFN (RTD) | 64 2500 | LARGE T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F1491 MSP430F1491IRTDR.A Active Production VQFN (RTD) | 64 2500 | LARGE T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F1491 MSP430F1491IRTDR.B Active Production VQFN (RTD) | 64 2500 | LARGE T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F1491 MSP430F1491IRTDT Active Production VQFN (RTD) | 64 250 | SMALL T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F1491 MSP430F1491IRTDT.A Active Production VQFN (RTD) | 64 250 | SMALL T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F1491 MSP430F1491IRTDT.B Active Production VQFN (RTD) | 64 250 | SMALL T&R Yes SN Level-3-260C-168 HR -40 to 85 M430F1491 MSP430F149CY.A Active Production DIESALE (Y) | 0 245 | NOT REQUIRED Yes Call TI N/A for Pkg Type 0 to 70 MSP430F149CY.B Active Production DIESALE (Y) | 0 245 | NOT REQUIRED Yes Call TI N/A for Pkg Type 0 to 70 MSP430F149IPAG Active Production TQFP (PAG) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-4-260C-72 HR -40 to 85 M430F149 REV # MSP430F149IPAG.A Active Production TQFP (PAG) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-4-260C-72 HR -40 to 85 M430F149 REV # MSP430F149IPAG.B Active Production TQFP (PAG) | 64 160 | JEDEC TRAY (10+1) Yes NIPDAU Level-4-260C-72 HR -40 to 85 M430F149 REV # MSP430F149IPAGR Active Production TQFP (PAG) | 64 1500 | LARGE T&R Yes NIPDAU Level-4-260C-72 HR -40 to 85 M430F149 REV # MSP430F149IPAGR.A Active Production TQFP (PAG) | 64 1500 | LARGE T&R Yes NIPDAU Level-4-260C-72 HR -40 to 85 M430F149 REV # MSP430F149IPAGR.B Active Production TQFP (PAG) | 64 1500 | LARGE T&R Yes NIPDAU Level-4-260C-72 HR -40 to 85 M430F149 REV # MSP430F149IPM Active Production LQFP (PM) | 64 160 | JEDEC TRAY (5+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F149 REV # MSP430F149IPM.A Active Production LQFP (PM) | 64 160 | JEDEC TRAY (5+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F149 REV # MSP430F149IPM.B Active Production LQFP (PM) | 64 160 | JEDEC TRAY (5+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F149 REV # MSP430F149IPMG4 Active Production LQFP (PM) | 64 160 | JEDEC TRAY (5+1) Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F149 REV # MSP430F149IPMR Active Production LQFP (PM) | 64 1000 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 85 M430F149 REV # Addendum-Page 5 |