| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP38692MP-3.3/NOPB bảng dữ liệu(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP38692MP-3.3/NOPB bảng dữ liệu(HTML) 23 Page - Texas Instruments |
|
23 / 36 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LP38690SD-1.8/NOPB.A Active Production WSON (NGG) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L113B LP38690SD-2.5/NOPB Active Production WSON (NGG) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L114B LP38690SD-2.5/NOPB.A Active Production WSON (NGG) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L114B LP38690SD-3.3/NOPB Active Production WSON (NGG) | 6 1000 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 L115B LP38690SD-3.3/NOPB.B Active Production WSON (NGG) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L115B LP38690SD-5.0/NOPB Active Production WSON (NGG) | 6 1000 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 L116B LP38690SD-5.0/NOPB.A Active Production WSON (NGG) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L116B LP38690SD-5.0/NOPB.B Active Production WSON (NGG) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L116B LP38690SDX-3.3/NOPB Active Production WSON (NGG) | 6 4500 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 L115B LP38690SDX-5.0/NO.A Active Production WSON (NGG) | 6 4500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 L116B LP38690SDX-5.0/NOPB Active Production WSON (NGG) | 6 4500 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 L116B LP38692MP-1.8/NOPB Active Production SOT-223 (NDC) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LJPB LP38692MP-1.8/NOPB.B Active Production SOT-223 (NDC) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LJPB LP38692MP-2.5/NOPB Active Production SOT-223 (NDC) | 5 1000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LJRB LP38692MP-2.5/NOPB.A Active Production SOT-223 (NDC) | 5 1000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LJRB LP38692MP-2.5/NOPB.B Active Production SOT-223 (NDC) | 5 1000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LJRB LP38692MP-3.3/NOPB Active Production SOT-223 (NDC) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LJSB LP38692MP-3.3/NOPB.A Active Production SOT-223 (NDC) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LJSB LP38692MP-3.3/NOPB.B Active Production SOT-223 (NDC) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LJSB LP38692MP-5.0/NOPB Active Production SOT-223 (NDC) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LJTB LP38692MP-5.0/NOPB.A Active Production SOT-223 (NDC) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LJTB LP38692MP-5.0/NOPB.B Active Production SOT-223 (NDC) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LJTB LP38692MPX-1.8/NOPB Active Production SOT-223 (NDC) | 5 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LJPB LP38692MPX-3.3/NO.A Active Production SOT-223 (NDC) | 5 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LJSB LP38692MPX-3.3/NOPB Active Production SOT-223 (NDC) | 5 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LJSB LP38692MPX-5.0/NO.A Active Production SOT-223 (NDC) | 5 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LJTB LP38692MPX-5.0/NOPB Active Production SOT-223 (NDC) | 5 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LJTB LP38692SD-1.8/NOPB Active Production WSON (NGG) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L123B LP38692SD-1.8/NOPB.B Active Production WSON (NGG) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L123B LP38692SD-2.5/NOPB Active Production WSON (NGG) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L124B LP38692SD-2.5/NOPB.A Active Production WSON (NGG) | 6 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 L124B Addendum-Page 2 |