công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP3856ES-3.3/NOPB bảng dữ liệu(PDF) 16 Page - Texas Instruments

tên linh kiện LP3856ES-3.3/NOPB
Giải thích chi tiết về linh kiện  LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LP3856ES-3.3/NOPB bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button LP3856ES-3.3/NOPB Datasheet HTML 12Page - Texas Instruments LP3856ES-3.3/NOPB Datasheet HTML 13Page - Texas Instruments LP3856ES-3.3/NOPB Datasheet HTML 14Page - Texas Instruments LP3856ES-3.3/NOPB Datasheet HTML 15Page - Texas Instruments LP3856ES-3.3/NOPB Datasheet HTML 16Page - Texas Instruments LP3856ES-3.3/NOPB Datasheet HTML 17Page - Texas Instruments LP3856ES-3.3/NOPB Datasheet HTML 18Page - Texas Instruments LP3856ES-3.3/NOPB Datasheet HTML 19Page - Texas Instruments LP3856ES-3.3/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LP3853, LP3856
SNVS173G – FEBRUARY 2003 – REVISED APRIL 2013
www.ti.com
HEATSINKING TO-263 PACKAGE
The TO-263 package uses the copper plane on the PCB as a heatsink. The tab of these packages are soldered
to the copper plane for heat sinking. Figure 32 shows a curve for the
θJA of TO-263 package for different copper
area sizes, using a typical PCB with 1 ounce copper and no solder mask over the copper area for heat sinking.
Figure 32.
θJA vs Copper (1 Ounce) Area for TO-263 package
As shown in the figure, increasing the copper area beyond 1 square inch produces very little improvement. The
minimum value for
θJA for the TO-263 package mounted to a PCB is 32°C/W.
Figure 33 shows the maximum allowable power dissipation for TO-263 packages for different ambient
temperatures, assuming
θJA is 35°C/W and the maximum junction temperature is 125°C.
Figure 33. Maximum power dissipation vs ambient temperature for TO-263 package
16
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3853 LP3856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com