| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP5036 bảng dữ liệu(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5036 bảng dữ liệu(HTML) 22 Page - Texas Instruments |
|
22 / 62 page ![]() 22 LP5030, LP5036 SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019 www.ti.com Product Folder Links: LP5030 LP5036 Submit Documentation Feedback Copyright © 2018–2019, Texas Instruments Incorporated Table 3. Chip Address (continued) SLAVE ADDRESS R/W Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Broadcast 0 0 1 1 1 0 0 1 or 0 8.5.1.5 Control-Register Write Cycle • The master device generates a start condition. • The master device sends the slave address (7 bits) and the data direction bit (R/W = 0). • The slave device sends an acknowledge signal if the slave address is correct. • The master device sends the control register address (8 bits). • The slave device sends an acknowledge signal. • The master device sends the data byte to be written to the addressed register. • The slave device sends an acknowledge signal. • If the master device sends further data bytes, the control register address of the slave is incremented by 1 after the acknowledge signal. To reduce program load time, the device supports address auto incrementation. The register address is incremented after each 8 data bits. • The write cycle ends when the master device creates a stop condition. Figure 19. Write Cycle 8.5.1.6 Control-Register Read Cycle • The master device generates a start condition. • The master device sends the slave address (7 bits) and the data direction bit (R/W = 0). • The slave device sends an acknowledge signal if the slave address is correct. • The master device sends the control register address (8 bits). • The slave device sends an acknowledge signal. • The master device generates a repeated-start condition. • The master device sends the slave address (7 bits) and the data direction bit (R/W = 1). • The slave device sends an acknowledge signal if the slave address is correct. • The slave device sends the data byte from the addressed register. • If the master device sends an acknowledge signal, the control-register address is incremented by 1. The slave device sends the data byte from the addressed register. To reduce program load time, the device supports address auto incrementation. The register address is incremented after each 8 data bits. • The read cycle ends when the master device does not generate an acknowledge signal after a data byte and generates a stop condition. Figure 20. Read Cycle |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |