| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP5012 bảng dữ liệu(PDF) 35 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5012 bảng dữ liệu(HTML) 35 Page - Texas Instruments |
|
35 / 52 page ![]() 9 Application and Implementation Note Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 9.1 Application Information The LP50xx device is a 9- or 12-channel constant-current-sink LED driver. The LP50xx device improves the user experience in color mixing and intensity control, for both live effects and coding effort. The optimized performance for RGB LEDs makes it a good choice for human-machine interaction applications. 9.2 Typical Application The LP50xx design supports up to four devices in parallel with different configurations on the ADDR0 and ADDR1 pins. EN SDA SCL OUT0 OUT1 OUT11 MCU VC C GND LP5012 ADDR 0 OUT2 VLED VCC IREF OUT10 OUT9 VCAP ADDR 1 CVCAP RIREF VMCU EN SDA SCL OUT0 OUT1 OUT11 VC C GND LP5012 ADDR 0 OUT2 VLED VCC IREF OUT10 OUT9 VCAP ADDR 1 CVCAP RIREF RPULLUP RPULLUP CVCC CVCC Figure 9-1. Driving Dual LP5012 Application Example www.ti.com LP5009, LP5012 SLVSEH2B – MAY 2019 – REVISED AUGUST 2020 Copyright © 2020 Texas Instruments Incorporated Submit Document Feedback 35 Product Folder Links: LP5009 LP5012 |