| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP3871 bảng dữ liệu(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP3871 bảng dữ liệu(HTML) 19 Page - Texas Instruments |
|
19 / 27 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LP3871ESX-3.3/NOPB.A Active Production DDPAK/ TO-263 (KTT) | 5 500 | LARGE T&R ROHS Exempt SN Level-3-245C-168 HR -40 to 125 LP3871ES -3.3 LP3874EMP-1.8/NOPB Active Production SOT-223 (NDC) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LHEB LP3874EMP-1.8/NOPB.A Active Production SOT-223 (NDC) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LHEB LP3874EMP-2.5/NOPB Active Production SOT-223 (NDC) | 5 1000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LHFB LP3874EMP-2.5/NOPB.A Active Production SOT-223 (NDC) | 5 1000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LHFB LP3874EMP-3.3/NOPB Active Production SOT-223 (NDC) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LHHB LP3874EMP-3.3/NOPB.A Active Production SOT-223 (NDC) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LHHB LP3874EMP-5.0/NOPB Active Production SOT-223 (NDC) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LHJB LP3874EMP-5.0/NOPB.A Active Production SOT-223 (NDC) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LHJB LP3874EMPX-1.8/NO.A Active Production SOT-223 (NDC) | 5 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LHEB LP3874EMPX-1.8/NOPB Active Production SOT-223 (NDC) | 5 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LHEB LP3874EMPX-3.3/NO.A Active Production SOT-223 (NDC) | 5 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LHHB LP3874EMPX-3.3/NOPB Active Production SOT-223 (NDC) | 5 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LHHB LP3874EMPX-5.0/NO.A Active Production SOT-223 (NDC) | 5 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LHJB LP3874EMPX-5.0/NOPB Active Production SOT-223 (NDC) | 5 2000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LHJB LP3874ES-2.5/NOPB Active Production DDPAK/ TO-263 (KTT) | 5 45 | TUBE ROHS Exempt SN Level-3-245C-168 HR -40 to 125 LP3874ES -2.5 LP3874ES-2.5/NOPB.A Active Production DDPAK/ TO-263 (KTT) | 5 45 | TUBE ROHS Exempt SN Level-3-245C-168 HR -40 to 125 LP3874ES -2.5 LP3874ES-3.3/NOPB Active Production DDPAK/ TO-263 (KTT) | 5 45 | TUBE ROHS Exempt SN Level-3-245C-168 HR -40 to 125 LP3874ES -3.3 LP3874ES-3.3/NOPB.A Active Production DDPAK/ TO-263 (KTT) | 5 45 | TUBE ROHS Exempt SN Level-3-245C-168 HR -40 to 125 LP3874ES -3.3 (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. Addendum-Page 2 |