công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M74HC259 bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện M74HC259
Giải thích chi tiết về linh kiện  8-bit addressable latch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC259 bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button M74HC259 Datasheet HTML 11Page - STMicroelectronics M74HC259 Datasheet HTML 12Page - STMicroelectronics M74HC259 Datasheet HTML 13Page - STMicroelectronics M74HC259 Datasheet HTML 14Page - STMicroelectronics M74HC259 Datasheet HTML 15Page - STMicroelectronics M74HC259 Datasheet HTML 16Page - STMicroelectronics M74HC259 Datasheet HTML 17Page - STMicroelectronics M74HC259 Datasheet HTML 18Page - STMicroelectronics M74HC259 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
M74HC259
Package information
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK
® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK
® is an ST trademark.
4.1
SO16 package information
Figure 11: Plastic SO16 package mechanical outline
DocID001933 Rev 2
15/19
PO13H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19