| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M74HC14 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M74HC14 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 15 page ![]() Revision history M74HC14 14/15 DocID1901 Rev 5 6 Revision history Table 13: Document revision history Date Revisi on Changes 01-Jul-2001 1 Initial release. 23-May-2008 2 Document converted and restructured to new template. Removed: M74HC14M1R order code. Added: tape and reel specifications for SO-14 and TSSOP14 packages. 09-Aug-2013 3 Features: added ESD information Table 1: Device summary: added automotive grade order codes. Added Section 5: Ordering information. 13-Jan-2014 4 Removed DIP14 package Table 1: Device summary and Table 13: Order codes: added “Temperature range” and “Marking”; updated 1. 17-Feb-2016 5 Removed Table 1: Device summary (same table appears in Section 5: "Ordering information"). Replaced SO14 package information TSSOP14 package information: updated max E1 parameter (mm), added L1 and aaa parameters. Replaced TSSOP14 tape and reel package outline Table 12: "Order codes": removed obsolete order codes M74HC14M13TR and M74HC14TTR; replaced the marking of order code M74HC14YTTR (74HC14Y instead of HC14Y). |