| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M41T82RM6F bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T82RM6F bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 64 page ![]() Clock operation M41T82, M41T83 22/64 DocID012578 Rev 19 3.2.1 Power-down time-stamp Some applications may need to determine the amount of time spent in backup mode. That can be calculated if the time of power-down and the time of power-up are known. The latter is straightforward to obtain. But the time of power-down is only available if an access occurred just prior to power-down. That is, if there was an access of the device just prior to power-down, the time of the access would have been frozen in the buffer transfer registers and thus the approximate time of power-down could be obtained. If an application requires the time of power-down, the best way to implement it is to set up the software to do frequent reads of the clock, such as once every 1 or 5 seconds. That way, at power-up, the buffer-transfer registers will contain a time value within 1 (or 5) seconds of the actual time of power-down. For more information, please refer to AN1572, “Power-down time-stamp function in serial real-time clocks (RTCs)”. |