công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41TC8025CMC5F bảng dữ liệu(PDF) 19 Page - STMicroelectronics

tên linh kiện M41TC8025CMC5F
Giải thích chi tiết về linh kiện  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025CMC5F bảng dữ liệu(HTML) 19 Page - STMicroelectronics

Back Button M41TC8025CMC5F Datasheet HTML 15Page - STMicroelectronics M41TC8025CMC5F Datasheet HTML 16Page - STMicroelectronics M41TC8025CMC5F Datasheet HTML 17Page - STMicroelectronics M41TC8025CMC5F Datasheet HTML 18Page - STMicroelectronics M41TC8025CMC5F Datasheet HTML 19Page - STMicroelectronics M41TC8025CMC5F Datasheet HTML 20Page - STMicroelectronics M41TC8025CMC5F Datasheet HTML 21Page - STMicroelectronics M41TC8025CMC5F Datasheet HTML 22Page - STMicroelectronics M41TC8025CMC5F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
DocID022873 Rev 4
19/41
M41TC8025
Operation
timer value reaches the interrupt trigger value, a fixed-cycle interrupt will be triggered and
the timer will automatically start to count from 000h towards the interrupt trigger value again.
The TF bit in register 0Eh is the fixed-cycle timer interrupt flag. Once the timer is enabled
(TE=1) and the internal counter increment reaches the interrupt trigger value, the TF bit is
set to 1 to indicate a fixed-cycle timer interrupt occurrence. Once TF=1, it will not be
automatically cleared and relies on the user to reset to 0. Resetting the TF bit to 0 will
release the IRQ pin from low to Hi-Z immediately, otherwise the IRQ pin is auto-released
after time tRTN specified in Table 15.
The TIE bit in register 0Fh is the interrupt enable bit. If the interrupt is enabled (TIE=1) and
there is a fixed-cycle interrupt event, the IRQ pin will be pulled low. If the interrupt is disabled
(TIE=0), even if there is a fixed-cycle interrupt event, the IRQ pin will remain unchanged and
stay Hi-Z. The TF bit still can be set to 1, regardless of the status of the IRQ pin. Resetting
the TIE bit to 0 while IRQ is low will immediately release the IRQ pin (change to Hi-Z).
The TSEL1 and TSEL0 bits in register 0Dh are used to select the internal timer counting
source clock. Table 15 shows the configuration.
Note:
1
The IRQ pin auto release time (tRTN) varies according to the source clock selection.
2
When the source clock has been selected to "second update" or "minute update", the timing
of both counting and interrupts is coordinated with the clock update timing.
3
When the RESET bit in control register 0Fh is 1, the clock divider <4 KHz is stopped. As a
result, the fixed-cycle timer interrupt with source clocks of 64 Hz, 1 Hz and "minute" update
will be stopped.
Table 15. Timer source clock configuration
TSEL1
TSEL0
Clock source
Auto reset time
(tRTN)
Effect of RESET bit
0
0
4096 Hz (once per 244.14 μs)
122 μs
Not affected
0
1
64 Hz (once per 15.625 ms)
7.8125 ms
Does not operate
when RESET = 1
1
0
1 Hz (once per second)
7.8125 ms
1
1
“minute” update (once per minute)
7.8125 ms
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com