| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M41T93ZMY6F bảng dữ liệu(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T93ZMY6F bảng dữ liệu(HTML) 7 Page - STMicroelectronics |
|
7 / 56 page ![]() DocID12615 Rev 8 7/56 M41T93 Description 56 Figure 1. Logic diagram 1. For QFN16 package only 2. Defaults to 32 KHz on power-up 3. Open drain Table 1. Signal names Symbol Description XI(1) 1. For QFN16 package only 32 KHz oscillator input XO(1) 32 KHz oscillator output IRQ/FT/OUT Interrupt/frequency test/output driver (open drain) SQW(2) 2. Defaults to 32 KHz on power-up 32 KHz programmable square wave output RST Power-on reset output (open drain) E Chip enable SDI Serial data address input SDO Serial data address output SCL Serial clock input VBAT Battery supply voltage (tie VBAT to VSS if no battery is connected) DU(3) 3. Do not use (must be tied to VCC) Do not use VCC Supply voltage VSS Ground SDI VCC VSS VBAT SCL RST (3) E IRQ/OUT/FT (3) SQW (2) SDO XI (1) XO (1) AI11818 |