| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M41TC8025 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41TC8025 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 41 page ![]() Operation M41TC8025 12/41 DocID022873 Rev 4 Figure 7. READ mode sequence Figure 8. Alternative READ mode sequence 2.2.7 WRITE mode In this mode the master transmitter transmits to the M41TC8025 slave receiver. Bus protocol is shown in Figure 9 on page 13. Following the START condition and slave address, a logic '0' (R/W = 0) is placed on the bus and indicates to the addressed device that word address "An" will follow and is to be written to the on-chip address pointer. The data word to be written to the memory is strobed in next and the internal address pointer is incremented to the next address location on the reception of an acknowledge clock. The M41TC8025 slave receiver will send an acknowledge clock to the master transmitter after it has received the slave address (see Table 3 on page 11) and again after it has received the word address and each data byte. Obsolete Product(s) - Obsolete Product(s) |