| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AFII-SW-0058 bảng dữ liệu(PDF) 12 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
AFII-SW-0058 bảng dữ liệu(HTML) 12 Page - Abracon Corporation |
|
12 / 12 page ![]() ABRACON IS ISO9001-2015 CERTIFIED Hidden Creek Ln Spicewood TX 78669 5101 Phone: 512-371-6159 | Fax: 512-351-8858 REVISED: 03-13-25 For terms and conditions of sales, please visit: www.abracon.com SMD 1202 MHZ SAW FILTER AFII-SW-0058 1.4 x 1.1 x 0.7mm RoHS Compliant MSL Level = 3 Check Inventory Request Samples Packaging Tape & Reel Dimension Carrier Tape Specifications (mm) Do D1 E1 P0 P2 F P1 W A0 B0 K0 Reel Qty 1.55 ± 0.05 0.60 ± 0.05 1.75 ± 0.1 4.0 ± 0.1 2.0 ± 0.05 3.5 ± 0.05 4.0 ± 0.1 8.0 ± 0.1 1.30 ± 0.05 1.60 ± 0.05 0.77 ± 0.05 5,000 Reel Specifications (mm) A W1 N C 178.0 ± 1.0 8.48 ± 0.15 57.12 ± 0.15 13.12 ± 0.15 ATTENTION: Abracon LLC’s products are Commercial-Off-The-Shelf (‘COTS’), which are designed, intended, and validated for use in commercial, industrial, and automotive applications. The customer is responsible for testing and verifying the performance of an Abracon solution to meet their system-level requirements. |