| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MF-FSMF035X bảng dữ liệu(PDF) 5 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-FSMF035X bảng dữ liệu(HTML) 5 Page - Bourns Electronic Solutions |
|
5 / 7 page ![]() Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. MF-FSMF Series Tape and Reel Specifications T F W A E1 P0 10 P0 D0 A0 COVER TAPE W2 (MEASURED AT HUB) N (HUB DIA.) (MEASURED AT HUB) W1 P1 P2 B0 0.055 ± 0.01 (.0022 ± .0004) TRAILER NO COMPONENT LEADER NO COMPONENT COMPONENTS USER DIRECTION OF FEED 160 (6.30) MIN. 390 (15.35) MIN. Tape Dimensions per EIA-481 MF-FSMF010X MF-FSMF020X MF-FSMF025X MF-FSMF035X MF-FSMF050X W 8.0 ± 0.1 (.315 ± .004) P0 4.0 ± 0.10 (.157 ± .004) P1 4.00 ± 0.05 (.157 ± .002) P2 2.00 ± 0.05 (.079 ± .002) A0 1.17 ± 0.05 (.046 ± .002) B0 2.02 ± 0.05 (.079 ± .002) D0 1.55 ± 0.05 (.061 +.002) F 3.5 ± 0.05 (.138 ± .002) E1 1.75 ± 0.1 (.069 ± .004) T 0.75 ± 0.05 (.030 ± .002) 0.60 ± 0.05 (.024 ± .002) 0.95 ± 0.05 (.037 ± .002) 10 P0 40.0 ± 0.1 (1.575 ± .004) 40.0 ± 0.1 (1.575 ± .004) 40.0 ± 0.1 (1.575 ± .004) Reel Dimensions A max. 185 (7.283) N min. 50 (1.97) W1 8.4 +1.5/-0 (.331 +.059/-0) W2 max. 14.4 (.567) DIMENSIONS: MM (INCHES) MF-FSMF SERIES, REV. J, 06/21 |