công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP2992IM5-3.3/NOPB.A bảng dữ liệu(PDF) 35 Page - Texas Instruments

tên linh kiện LP2992IM5-3.3/NOPB.A
Giải thích chi tiết về linh kiện  LP2992 Micropower, 250mA, Low-Noise, Ultra-Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use With Very Low-ESR Output Capacitors
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LP2992IM5-3.3/NOPB.A bảng dữ liệu(HTML) 35 Page - Texas Instruments

Back Button LP2992IM5-3.3/NOPB.A Datasheet HTML 31Page - Texas Instruments LP2992IM5-3.3/NOPB.A Datasheet HTML 32Page - Texas Instruments LP2992IM5-3.3/NOPB.A Datasheet HTML 33Page - Texas Instruments LP2992IM5-3.3/NOPB.A Datasheet HTML 34Page - Texas Instruments LP2992IM5-3.3/NOPB.A Datasheet HTML 35Page - Texas Instruments LP2992IM5-3.3/NOPB.A Datasheet HTML 36Page - Texas Instruments LP2992IM5-3.3/NOPB.A Datasheet HTML 37Page - Texas Instruments LP2992IM5-3.3/NOPB.A Datasheet HTML 38Page - Texas Instruments LP2992IM5-3.3/NOPB.A Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
7-Sep-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP2992AILD-1.5/NOPB
WSON
NGD
6
1000
177.8
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992AILD-1.8/NOPB
WSON
NGD
6
1000
177.8
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992AILD-3.3/NOPB
WSON
NGD
6
1000
177.8
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992AILD-5.0/NOPB
WSON
NGD
6
1000
180.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992AILDX-3.3/NOPB
WSON
NGD
6
4500
330.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992AILDX-5.0/NOPB
WSON
NGD
6
4500
330.0
12.4
3.6
3.2
1.0
8.0
12.0
Q1
LP2992AIM5-1.5/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992AIM5-1.8/NOPB
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992AIM5-2.5/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992AIM5-3.3/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992AIM5-5.0/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992AIM5X-1.5/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992AIM5X-1.8/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992AIM5X-2.5/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992AIM5X-3.3/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LP2992AIM5X-5.0/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43