| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LOG114AIRGVT bảng dữ liệu(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LOG114AIRGVT bảng dữ liệu(HTML) 25 Page - Texas Instruments |
|
25 / 43 page ![]() The log ratio function is the optical power gain of the EDFA. This circuitry forms an automatic power level control loop. An alternate design of the system shown in Figure 7-14 is possible because the LOG114 inherently takes the log ratio. Therefore, one log amp can be eliminated by connecting one of the photodiodes to the LOG114 I1 input, and the other to the I2 input. The differential amplifier can then be eliminated. The fast rise and fall times of the LOG114 are designed for most EDFA applications (typically less than 1μs for a 100:1 current input step). The device also measures a very wide dynamic range of up to eight decades. 1% Tap OPA569 PID Diff VCCS IL Power Op Amp Pump Laser LOG114 Fiber VERROR VOUT2 LOG114 VOUT1 1% Tap Figure 7-14. Erbium-Doped Fiber Optic Amplifier (EDFA) Block Diagram www.ti.com LOG114 SBOS301B – MAY 2004 – REVISED MARCH 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 25 Product Folder Links: LOG114 |