công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LOG114 bảng dữ liệu(PDF) 25 Page - Texas Instruments

tên linh kiện LOG114
Giải thích chi tiết về linh kiện  LOG114 Single-Supply, High-Speed, Precision Logarithmic Amplifier
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LOG114 bảng dữ liệu(HTML) 25 Page - Texas Instruments

Back Button LOG114_V01 Datasheet HTML 21Page - Texas Instruments LOG114_V01 Datasheet HTML 22Page - Texas Instruments LOG114_V01 Datasheet HTML 23Page - Texas Instruments LOG114_V01 Datasheet HTML 24Page - Texas Instruments LOG114_V01 Datasheet HTML 25Page - Texas Instruments LOG114_V01 Datasheet HTML 26Page - Texas Instruments LOG114_V01 Datasheet HTML 27Page - Texas Instruments LOG114_V01 Datasheet HTML 28Page - Texas Instruments LOG114_V01 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
The log ratio function is the optical power gain of the EDFA. This circuitry forms an automatic power level control
loop.
An alternate design of the system shown in Figure 7-14 is possible because the LOG114 inherently takes the log
ratio. Therefore, one log amp can be eliminated by connecting one of the photodiodes to the LOG114 I1 input,
and the other to the I2 input. The differential amplifier can then be eliminated.
The fast rise and fall times of the LOG114 are designed for most EDFA applications (typically less than 1μs for a
100:1 current input step). The device also measures a very wide dynamic range of up to eight decades.
1%
Tap
OPA569
PID
Diff
VCCS
IL
Power
Op Amp
Pump Laser
LOG114
Fiber
VERROR
VOUT2
LOG114
VOUT1
1%
Tap
Figure 7-14. Erbium-Doped Fiber Optic Amplifier (EDFA) Block Diagram
www.ti.com
LOG114
SBOS301B – MAY 2004 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: LOG114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43