công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S-34C02A bảng dữ liệu(PDF) 14 Page - Seiko Instruments Inc

tên linh kiện S-34C02A
Giải thích chi tiết về linh kiện  2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SII [Seiko Instruments Inc]
Trang chủ  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-34C02A bảng dữ liệu(HTML) 14 Page - Seiko Instruments Inc

Back Button S-34C02A Datasheet HTML 10Page - Seiko Instruments Inc S-34C02A Datasheet HTML 11Page - Seiko Instruments Inc S-34C02A Datasheet HTML 12Page - Seiko Instruments Inc S-34C02A Datasheet HTML 13Page - Seiko Instruments Inc S-34C02A Datasheet HTML 14Page - Seiko Instruments Inc S-34C02A Datasheet HTML 15Page - Seiko Instruments Inc S-34C02A Datasheet HTML 16Page - Seiko Instruments Inc S-34C02A Datasheet HTML 17Page - Seiko Instruments Inc S-34C02A Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
2-WIRE CMOS SERIAL E2PROM FOR DIMM SERIAL PRESENCE DETECT
S-34C02A
Rev.1.2_00
Seiko Instruments Inc.
14
6. 3 Hardware Write Protect
Write protect is available in the S-34C02A.
When the WP pin is connected to VCC, the Write operation in all memory area is inhibited.
Fix the WP pin during the period from the start condition to the stop condition in the Write operation (Byte Write and
Page Write). Written data in the address is not assurable if the condition of the WP pin is changed during this
period. Refer to Figure 5 regarding the timing of Hardware Write Protect.
Be sure to connect the WP pin to GND when you don’t use Hardware Write Protect. Hardware Write Protect is valid
in the range of power supply voltage. If setting Hardware Write Protect valid, the S-34C02A does not generate an
acknowledgment signal.
In this case, the users cannot perform the SWP (Set RSWP), CWP (Clear RSWP), PSWP (Set PSWP) instructions.
6. 4 Software Write Protect
The S-34C02A has Permanent Software Write Protect (PSWP) and Reversible Software Write Protect (RSWP).
(1) PSWP
If the software protect has been set with the PSWP instruction, 50% of the lower address (addresses 00h to 7Fh)
in all memory is permanently Write-protected. This Write protect cannot be cleared by any instruction, or by
power-cycling the device, and regardless the state of WP pin. Also, once the PSWP instruction has been
successfully excuted, the S-34C02A no longer acknowledges any instruction (device code of “0110”) to access
the Write protect setting.
(2) RSWP
If the software protect has been set with the SWP (Set RSWP) instruction, 50% of the lower address (addresses
00h to 7Fh) in all memory is Write-protected. This write protect can be cleared with the CWP (Clear RSWP)
instruction.
These two instructions have the same format as a Byte Write instruction, but have a different device code. Like
the Byte Write instruction, it is followed by an address byte and a data byte, but in this case the contents can be
set in all “Don’t Care”. In the instructions of SWP and CWP, be sure to apply the high voltage of VHV to the A0
pin, and input “H” or “L” to the A1 and A2 pins.
A2 A1 A0
S
T
A
R
T
1
0
1 0
W
R
I
T
E
DEVICE
ADDRESS
R
/
W
M
S
B
SDA LINE
X : Don't care
A
C
K
L
S
B
WORD ADDRESS
0
S
T
O
P
DATA
X
A
C
K
A
C
K
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Figure 12 Software Write Protect
Table 12 Device Select Code
Device code
Slave address
W
/
R
Pin condition
Instruction
B7
B6
B5
B4
B3
B2
B1
B0
A2
A1
A0
Memory Area Select
*1
1
0
1
0
A2
A1
A0
W
/
R
A2
A1
A0
Set RSWP(SWP)
0
1
1
0
0
0
1
0
VSS
VSS
VHV
Clear RSWP(CWP)
0
1
1
0
0
1
1
0
VSS
VCC
VHV
Set PSWP(PSWP)
*1
0
1
1
0
A2
A1
A0
0
A2
A1
A0
Read SWP
0
1
1
0
0
0
1
1
VSS
VSS
VHV
Read CWP
0
1
1
0
0
1
1
1
VSS
VCC
VHV
Read PSWP
*1
0
1
1
0
A2
A1
A0
1
A2
A1
A0
*1.
Slave addresses A2, A1, A0 are compared by the address input pins (A0, A1, A2) of a memory device with the address
value which is set beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com