| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE4973 bảng dữ liệu(PDF) 8 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4973 bảng dữ liệu(HTML) 8 Page - Infineon Technologies AG |
|
8 / 12 page ![]() 8 Copyright © Infineon Technologies AG 2023. All rights reserved. restricted 2023-06-12 Usecase: Software -> Double code word calibration › Double code word calibration procedure › Automatic (Manual checkbox is unchecked; left picture) › Select sensor that needs calibration › Fill target sensitivity textbox with desired sensitivity value › Fill Itest textbox with the value of the current used for calibration › Follow pop-up instructions › At the end of the procedure, new gbase and obase values will be provided in the lower textbox › Press Burn EEPROM button to burn new values in sensor eeprom › Select a different sensor and restart calibration › Manual (Manual checkbox is checked; right picture) › Select sensor that needs calibration › Fill target sensitivity textbox with desired sensitivity value › Fill Itest textbox with the value of the current used for calibration › Fill VDD textbox with sensor VDD value (measured with multimeter) › Press Start Procedure button › Popup will appear and ask for multimeter readout of sensor Aout › 6 measurements are needed during calibration › At the end of the procedure, new gbase and obase values will be provided in the lower textbox. › Press Burn EEPROM button to burn new values in sensor eeprom |