| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STPM12ATR bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPM12ATR bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 46 page ![]() Energy calculation algorithm STPM11, STPM12, STPM13, STPM14 36/46 Doc ID 13167 Rev 8 Equation 16 has been then removed from the instantaneous power. In the case of current sensors like "Rogowski coils", which provide the rate of the instantaneous current signal, the initial voltage signal differentiation stage is switched off. In this case the signals coming from the A/D conversion and their consequent integrations are: Equation 17 v(t) = V ⋅ sin (tω); Equation 18 Equation 19 Equation 20 The signals process flow is the same as shown in the previous case, and even with the formulas above, the result is the same. The absence of any AC component allows a very fast calibration procedure. Averaging the readings of several line periods is not needed. The active energy measurement is already stable after one line cycle. Moreover the digital calibration allows saving time and space compared to the hardware calibration made with resistor strings. ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ ϕ + ω ⋅ ⋅ 2 ) t 2 cos( I V ) t cos( I dt ) t ( di ) t ( i ϕ + ω ⋅ ω ⋅ − = = ′ t cos V dt ) t ( v ) t ( V ω ⋅ ω − = ⋅ = ∫ ) t sin( I ) t ( i dt ) t ( i ) t ( i ϕ + ω ⋅ − = = ⋅ ′ = ′′ ∫ Obsolete Product(s) - Obsolete Product(s) |