| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STA1085 bảng dữ liệu(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA1085 bảng dữ liệu(HTML) 73 Page - STMicroelectronics |
|
73 / 127 page ![]() DS13319 Rev 2 73/127 STA108x, STA109x Electrical Characteristics 126 Figure 13. Initial Power-On Sequence (VDDOK timed) Note: For the Power-Up sequence VDDOK timed see Figure 13. Table 39. Initial Power-up Sequence Timings (VDDOK timed) Symbol Parameter Timing Unit Min. Max. t1 SR PWREN to last voltage stable - 174 ms t2 SR Last voltage stable to VDDOK > 0 - µs t3 SR PWREN to VDDOK - 174 ms t4 SR VDDOK to SYSRSTn 10 - µs VDDIO_IO_ON VDD_ON_VREG VDD VDD_IO VDDOK PWREN POR2LV (internal) SYSRSTn (optional) See Figure 12 t1 t2 t3 t4 LVI |