công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC563M60L5 bảng dữ liệu(PDF) 68 Page - STMicroelectronics

tên linh kiện SPC563M60L5
Giải thích chi tiết về linh kiện  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60L5 bảng dữ liệu(HTML) 68 Page - STMicroelectronics

Back Button SPC563M60L5 Datasheet HTML 64Page - STMicroelectronics SPC563M60L5 Datasheet HTML 65Page - STMicroelectronics SPC563M60L5 Datasheet HTML 66Page - STMicroelectronics SPC563M60L5 Datasheet HTML 67Page - STMicroelectronics SPC563M60L5 Datasheet HTML 68Page - STMicroelectronics SPC563M60L5 Datasheet HTML 69Page - STMicroelectronics SPC563M60L5 Datasheet HTML 70Page - STMicroelectronics SPC563M60L5 Datasheet HTML 71Page - STMicroelectronics SPC563M60L5 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 128 page
background image
Electrical characteristics
SPC563M64x, SPC563M60x
68/128
DocID14642 Rev 12
4
Electrical characteristics
This section contains detailed information on power considerations, DC/AC electrical
characteristics, and AC timing specifications for the SPC563Mxx series of MCUs.In the
tables where the device logic provides signals with their respective timing characteristics,
the symbol “CC” for Controller Characteristics is included in the Symbol column.
In the tables where the external system must provide signals with their respective timing
characteristics to the device, the symbol “SR” for System Requirement is included in the
Symbol column.
4.1
Parameter classification
The electrical parameters shown in this document are guaranteed by various methods. To
provide a better understanding, the classifications listed in Table 8 are used and the
parameters are tagged accordingly in the tables. Note that only Controller Characteristics
(“CC”) are classified. System Requirements (“SR”) are operating conditions that must be
provided to ensure normal device operation.
Note:
The classification is shown in the column labeled “C” in the parameter tables where
appropriate.
4.2
Maximum ratings
Table 8. Parameter classifications
Classification tag
Tag description
P
Those parameters are guaranteed during production testing on each individual device.
C
Those parameters are achieved by the design characterization by measuring a statistically
relevant sample size across process variations.
T
Those parameters are achieved by design characterization on a small sample size from
typical devices under typical conditions unless otherwise noted. All values shown in the typical
column are within this category.
D
Those parameters are derived mainly from simulations.
Table 9. Absolute maximum ratings(1)
Symbol
Parameter
Conditions
Value
Unit
min
max
VDD
SR
1.2 V core supply voltage(2)
– 0.3
1.32
V
VFLASH
SR
Flash core voltage(3)
– 0.3
5.5
V
VSTBY
SR
SRAM standby voltage(4)
– 0.3
5.5
V
VDDPLL
SR
Clock synthesizer voltage
– 0.3
1.32
V
VRC33
(5)
SR
Voltage regulator control
input voltage
– 0.3
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com