công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMC6484AIMX/NOPB.B bảng dữ liệu(PDF) 30 Page - Texas Instruments

tên linh kiện LMC6484AIMX/NOPB.B
Giải thích chi tiết về linh kiện  LMC648x CMOS Rail-to-Rail Input and Output Operational Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LMC6484AIMX/NOPB.B bảng dữ liệu(HTML) 30 Page - Texas Instruments

Back Button LMC6484AIMX/NOPB.B Datasheet HTML 26Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 27Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 28Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 29Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 30Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 31Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 32Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 33Page - Texas Instruments LMC6484AIMX/NOPB.B Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
8 Device and Documentation Support
8.1 Device Support
8.1.1 Development Support
8.1.1.1 Spice Macromodel
A spice macromodel is available for the LMC648x. This model includes accurate simulation of the following:
• Input common-mode voltage range
• Frequency and transient response
• Gain bandwidth (GBW) dependence on loading conditions
• Quiescent and dynamic supply current
• Output swing dependence on loading conditions
8.1.1.2 PSpice® for TI
PSpice® for TI is a design and simulation environment that helps evaluate performance of analog circuits. Create
subsystem designs and prototype solutions before committing to layout and fabrication, reducing development
cost and time to market.
8.1.1.3 TINA-TI™ Simulation Software (Free Download)
TINA-TI™ simulation software is a simple, powerful, and easy-to-use circuit simulation program based on a
SPICE engine. TINA-TI simulation software is a free, fully-functional version of the TINA™ software, preloaded
with a library of macromodels, in addition to a range of both passive and active models. TINA-TI simulation
software provides all the conventional dc, transient, and frequency domain analysis of SPICE, as well as
additional design capabilities.
Available as a free download from the Design and simulation tools web page, TINA-TI simulation software offers
extensive post-processing capability that allows users to format results in a variety of ways. Virtual instruments
offer the ability to select input waveforms and probe circuit nodes, voltages, and waveforms, creating a dynamic
quick-start tool.
Note
These files require that either the TINA software or TINA-TI software be installed. Download the free
TINA-TI simulation software from the TINA-TI™ software folder.
8.1.1.4 DIP-Adapter-EVM
Speed up your op amp prototyping and testing with the DIP-Adapter-EVM, which provides a fast, easy and
inexpensive way to interface with small, surface-mount devices. Connect any supported op amp using the
included Samtec terminal strips or wire them directly to existing circuits. The DIP-Adapter-EVM kit supports
the following industry-standard packages: D or U (SOIC-8), PW (TSSOP-8), DGK (VSSOP-8), DBV (SOT-23-6,
SOT-23-5 and SOT-23-3), DCK (SC70-6 and SC70-5), and DRL (SOT563-6).
8.1.1.5 DIYAMP-EVM
The DIYAMP-EVM is a unique evaluation module (EVM) that provides real-world amplifier circuits, enabling the
user to quickly evaluate design concepts and verify simulations. This EVM is available in three industry-standard
packages (SC70, SOT23, and SOIC) and 12 popular amplifier configurations, including amplifiers, filters, stability
compensation, and comparator configurations for both single and dual supplies.
8.1.1.6 TI Reference Designs
TI reference designs are analog solutions created by TI’s precision analog applications experts. TI reference
designs offer the theory of operation, component selection, simulation, complete PCB schematic and layout, bill
of materials, and measured performance of many useful circuits. TI reference designs are available online at
https://www.ti.com/reference-designs.
LMC6482
LMC6484
SNOS674J – OCTOBER 1997 – REVISED SEPTEMBER 2024
www.ti.com
30
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC6482 LMC6484



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com