công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5166XDRCT bảng dữ liệu(PDF) 36 Page - Texas Instruments

tên linh kiện LM5166XDRCT
Giải thích chi tiết về linh kiện  LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM5166XDRCT bảng dữ liệu(HTML) 36 Page - Texas Instruments

Back Button LM5166XDRCT Datasheet HTML 32Page - Texas Instruments LM5166XDRCT Datasheet HTML 33Page - Texas Instruments LM5166XDRCT Datasheet HTML 34Page - Texas Instruments LM5166XDRCT Datasheet HTML 35Page - Texas Instruments LM5166XDRCT Datasheet HTML 36Page - Texas Instruments LM5166XDRCT Datasheet HTML 37Page - Texas Instruments LM5166XDRCT Datasheet HTML 38Page - Texas Instruments LM5166XDRCT Datasheet HTML 39Page - Texas Instruments LM5166XDRCT Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
§
·
t
˜
˜ ¨
¸
¨
¸
©
¹
2
PK(PFM)
OUT
F
OUT
I
C
50 L
V
PK(PFM)
OUT
OUT
OUT
OUT
I
V
1 V
V
I
2
C
123
§
·
'
˜
¨
¸
¨
¸
©
¹
IN(max)
ILIM_delay
IN(max)
ON(min)
F(min)
L(max)
L(max)
LIM(max)
V
t
V
t
L
Max
,
I
I
I
§
·
˜
˜
¨
¸
¨
¸
©
¹
36
LM5166
SNVSA67B – DECEMBER 2016 – REVISED JUNE 2017
www.ti.com
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
IPK(PFM) in this example is the peak current limit setting of 750 mA plus the inductor current overshoot resulting
from the 80-ns peak current comparator delay, tILIM_delay. An additional constraint on the inductance is the 180-ns
minimum on-time of the high-side MOSFET. Therefore, to keep the inductor current well controlled, choose an
inductance that is larger than LF(min) using Equation 29 where VIN(max) is the maximum input supply voltage for the
application, tILIM_delay is 80 ns, tON(min) is 180 ns, the maximum current limit threshold, ILIM(max), is 825 mA, and the
maximum allowed peak inductor current, IL(max), is 1.6 A.
(29)
Choose an inductor with saturation current rating above the peak current limit setting, and allow for derating of
the saturation current at the highest expected operating temperature.
8.2.3.2.3
Output Capacitors – COUT
The output capacitor, COUT, filters the inductor’s ripple current and stores energy to meet the load current
requirement when the LM5166 is in sleep mode. The output ripple has a base component of amplitude VOUT/123
related to the typical feedback comparator hysteresis in PFM. The wake-up time from sleep to active mode adds
a ripple voltage component that is a function of the output current. Approximate the total output ripple by
Equation 30.
(30)
Also, the output capacitance must be large enough to accept the energy stored in the inductor without a large
deviation in output voltage. Setting this voltage change equal to 1% of the output voltage results in a COUT
requirement defined with Equation 31.
(31)
In general, select the capacitance of COUT to limit the output voltage ripple at full load current, ensuring that it is
rated for worst-case RMS ripple current given by IRMS = IPK(PFM)/2. In this design example, select a 47-μF, 6.3-V
capacitor with a high-quality dielectric.
8.2.3.2.4
Input Capacitor – CIN
The input capacitor, CIN, filters the triangular current waveform of the high-side MOSFET (see Figure 89). To
prevent large ripple voltage, use a low-ESR ceramic input capacitor sized for the worst-case RMS ripple current
given by IRMS = IOUT/2. In this design example, choose a 2.2-μF, 50-V ceramic input capacitor with a high-quality
dielectric.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com