công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM5175PWPRG4 bảng dữ liệu(PDF) 22 Page - Texas Instruments

tên linh kiện LM5175PWPRG4
Giải thích chi tiết về linh kiện  LM5175 42-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM5175PWPRG4 bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button LM5175PWPRG4 Datasheet HTML 18Page - Texas Instruments LM5175PWPRG4 Datasheet HTML 19Page - Texas Instruments LM5175PWPRG4 Datasheet HTML 20Page - Texas Instruments LM5175PWPRG4 Datasheet HTML 21Page - Texas Instruments LM5175PWPRG4 Datasheet HTML 22Page - Texas Instruments LM5175PWPRG4 Datasheet HTML 23Page - Texas Instruments LM5175PWPRG4 Datasheet HTML 24Page - Texas Instruments LM5175PWPRG4 Datasheet HTML 25Page - Texas Instruments LM5175PWPRG4 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
CIN(RMS)
OUT
I
I
D (1 D)
u
IN(MIN)
OUT
OUT
RIPPLE(COUT)
OUT
sw
V
I
1
V
V
C
F
§
·
u ¨
¸
©
¹
'
u
OUT
OUT
RIPPLE(ESR)
IN(MIN)
I
V
V
ESR
V
u
'
u
OUT
COUT(RMS)
OUT
IN
V
I
I
1
V
u
L(PEAK)
L(SAT)
1.2 I
I
21.6 A
0.8
u
IN(MIN)
OUT
IN(MIN)
L(PEAK )
L(MAX)
sw
OUT
V
(V
V
)
I
I
14.4 A
2 L1 F
V
u
u
u
u
OUT
OUT(MAX)
L(MAX)
IN(MIN)
V
I
I
13.3 A
0.9 V
u
u
2
IN(MIN)
OUT
IN(MIN)
BOOST
2
OUT(MAX)
sw
OUT
V
(V
V
)
L
2.1 H
0.4 I
F
V
u
P
u
u
u
22
LM5175
SNVSA37A – OCTOBER 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM5175
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(14)
In this particular application, the buck inductance is larger. Choosing a larger inductance reduces the ripple
current but also increases the size of the inductor. A larger inductor also reduces the achievable bandwidth of the
converter by moving the right half plane zero to lower frequencies. Therefore a judicious compromise should be
made based on the application requirements. For this design a 4.7-µH inductor is selected. With this inductor
selection, the inductor current ripple is 5.7 A, 4.3 A, and 2.1 A, at VIN of 36 V, 24 V, and 6 V respectively.
The maximum average inductor current occurs at the minimum input voltage and maximum load current:
(15)
where a 90% efficiency is assumed. The peak inductor current occurs at minimum input voltage and is given by:
(16)
To ensure sufficient output current, the current limit threshold must be set to allow the maximum load current in
boost operation. To ensure that the inductor does not saturate in current limit, the peak saturation current of the
inductor should be higher than the maximum current limit. Adjusting for a ±20% current limit threshold tolerance,
the peak inductor current limit is:
(17)
Therefore, the inductor saturation current should be greater than 21.6 A. If hiccup mode protection is not
enabled, the RMS current rating of the inductor should be sufficient to tolerate continuous operation in cycle-by-
cycle current limiting.
9.2.2.5 Output Capacitor
In the boost mode, the output capacitor conducts high ripple current. The output capacitor RMS ripple current is
given by Equation 18 where the minimum VIN corresponds to the maximum capacitor current.
(18)
In this example the maximum output ripple RMS current is ICOUT(RMS) = 6 A. A 5-mΩ output capacitor ESR
causes an output ripple voltage of 60 mV as given by:
(19)
A 400 µF output capacitor causes a capacitive ripple voltage of 25 mV as given by:
(20)
Typically a combination of ceramic and bulk capacitors is needed to provide low ESR and high ripple current
capacity. The complete schematic in Figure 24 at the end of this section shows a good starting point for COUT for
typical applications.
9.2.2.6 Input Capacitor
In the buck mode, the input capacitor supplies high ripple current. The RMS current in the input capacitor is given
by:
(21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com