| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM5177DCPR bảng dữ liệu(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM5177DCPR bảng dữ liệu(HTML) 37 Page - Texas Instruments |
|
37 / 60 page ![]() Once the LM5177 transits to the MAIN_LOGIC_ON state it will first stay in the POWER_STAGE_OFF state. Here the necessary checks and preparation for the start up are taken. The current consumption is given by the standby current. HOLD-R2D In this state the CFG-pin settings are read and the logic is storing this settings until the next EN -pin cycle. READ_R2D During the READ-R2D state the LM5177 executives the reading of the CFG-pin to get the selected settings determined by placed resistor. POWER_STAGE_ACTIVE The device executes the soft-start ramp during each entry to this state to avoid excessive inrush currents. In this state the power stage is active and the converter in operation. The current consumption is given by the active quiescent current of the electrical specification table. TSD The device enters the TSD-state if the silicon junction temperature exceeds the thermal shutdown limit. It automatically transits back to the POWER_STAGE_ACTIVE -state once the hysteresis of the thermal shutdown triggers. www.ti.com LM5177 SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 37 Product Folder Links: LM5177 |